Part Number Hot Search : 
9320L MMBZ52 PAT0510 BR10100 R1610 TSM1011 HT45R 2SC6011
Product Description
Full Text Search
 

To Download PVI5013RS-T Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  data sheet no. pd10041-d series pvi5013r photovoltaic isolator solid-state opto-isolated mosfet gate driver dual-channel, 5v, 1.0 a general description the pvi5013r photovoltaic isolator is a dual-channel, opto-isolated driver capable of directly driving gates of power mosfets or igbts. it utilizes a monolithic integrated circuit photovoltaic generator of novel construction as its output. the output is controlled by radiation from a gaalas light emitting diode (led) which is optically isolated from the photovoltaic generator. the pvi5013r is ideally suited for applications requiring high-current and/or high voltage switching with optical isolation between the low-level driving circuitry and high-energy or high- voltage load circuits. it can be used for directly driving gates of power mosfets. the dual- channel configuration allows its outputs to drive independent discrete power mosfets, or be connected in parallel or in series to provide higher-current drive for power mosfets or higher-voltage drive for igbts. pvi5013r employs a fast turn-off circuitry. pvi5013r photovoltaic isolators are packaged in an 8-pin, molded dip package with either thru-hole or surface-mount (gull-wing) terminals. it is available in standard plastic shipping tubes or on tape-and-reel. please refer to part identification information opposite. applications ! telecommunications ! load distribution ! industrial controls ! instrumentation and measurement part identification pvi5013r thru-hole pvi5013rs surface-mount PVI5013RS-T surface-mount, t ape and reel features ! monolithic construction ! 3,750 v rms i/o isolation ! 1,200 v dc output-to-output isolation ! dual-channel application flexibility ! solid-state reliability ! ul recognized and babt certified www.irf.com 1
series pvi5013r 2 www.irf.com electrical specifications (-40c t a +85c unless otherwise specified ) input characteristics limits units minimum input current (see figure 1) 5.0 ma input current range (see figure 1) 3.0 to 25 ma maximum continuous input current @ t a =+25c 40 ma led forward voltage drop @ 5ma, t a =+25c (see figure 3) 1.4 v maximum reverse voltage 7.0 v maximum reverse current @ -7v dc , t a =+25c 10 a output characteristics limits units minimum forward voltage 8.0 v dc maximum reverse current 10 a dc coupled characteristics limits units minimum output voltage @ i led = 5ma, r l = 10m ? 3v @ t a =0c to +70c (see figures 1 and 2) maximum output voltage @ i led = 5ma, r l = 10m ? 8v @ t a =0c to +70c (see figures 1 and 2) maximum voltage differential between outputs 1.0 v @ i led = 5ma, r l = 10m ? typical output short-circuit current 1.0 a @ i led = 5ma, @ t a =+25c (see figures 1 and 2) maximum turn-on time @ i led = 5ma, c load = 200pf (see figure 4) 5ms max. turn-off time @ i led = 5ma, c load = 200pf (see figure 4) 0.25 ms off-state clamping resistance: minimum 100 ? maximum 3300 ? general characteristics limits units minimum dielectric strength, input-output 3750 v rms minimum dielectric strength, output-to-output 1200 v dc minimum insulation resistance, input-to-output @t a =+25c, 50%rh, 100v dc maximum capacitance, input-output 5.0 pf maximum pin soldering temperature (10 seconds maximum) +260 c ambient temperature range: operating -40 to +85 c storage -40 to +125 c connection diagram 10 12 5 (-) 6 (+) 7 (-) 8 (+) 1 2 3 4 ? international rectifier does not recommend the use of this product in a erospace, avionics, military or life support applica tions. users of this international rectifier product in such applications assume all risks of such use and indemnify international rectifier against all damages re- sulting from such use.
series pvi5013r www.irf.com 3 figure 1. typical output characteristics figure 2. typical variation of output figure 3. input characteristics (current controlled) figure 4. typical response time load ca p acitance (p f ) response time (microseconds) 100 200 300 400 500 500 100 50 1000 5000 iled=5ma toff ton 60 -40 0 20 40 80 100 -20 ambient tem p erature ( de g . c ) normalized output 0.5 0.6 0.7 0.8 0.9 1.0 1.1 1.2 iled=5ma short-circuit current output voltage input current (ma) led forward volta g e dro p ( volts dc ) 16 20 12 8 4 0 0.5 1.0 1.5 2.0 0 caution: provide current limiting so that 25 ma maximum steady- state control current rating is not exceeded min. device and +85 deg. c limit typical max. device and -40 deg. c limit output short-circuit current (ua) output voltage (v dc ) 0 1 2 3 4 5 6 7 8 9 10 0 5 10 15 20 25 30 35 40 0 2 4 6 8 10 12 14 16 18 20 open circuit voltage r l =10m ? short circuit current input current (ma)
series pvi5013r 4 www.irf.com case outlines ir world headquarters: 233 kansas st., el segundo, california 90245 tel: (310) 252-7105 data and specifications subject to change without notice. 10/17/2003 01-2030 01 01-2031 01


▲Up To Search▲   

 
Price & Availability of PVI5013RS-T

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X